Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6624 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 69Page - STMicroelectronics VL6624 Datasheet HTML 70Page - STMicroelectronics VL6624 Datasheet HTML 71Page - STMicroelectronics VL6624 Datasheet HTML 72Page - STMicroelectronics VL6624 Datasheet HTML 73Page - STMicroelectronics VL6624 Datasheet HTML 74Page - STMicroelectronics VL6624 Datasheet HTML 75Page - STMicroelectronics VL6624 Datasheet HTML 76Page - STMicroelectronics VL6624 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
VL6624/VS6624
Register map
73/106
Pipe 0 RGB to YUV matrix manual control
Table 34.
Pipe0 RGB to YUV matrix manual control
Index
Pipe0RGB to YUV matrix (1)
0x2180
fRgbToYuvManuCtrl
Default value
<0> FALSE
Purpose
Enables manual RGB to YUV matrix for PipeSetupBank0
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x2183 (MSByte)
0x2184(LSByte)
w0_0
Default value
0x00
Purpose
Row 0 Column 0 of YUV matrix
Type
UINT_16
0x2187 (MSByte)
0x2188 (LSByte)
w0_1
Default value
0x00
Purpose
Row 0 Column 1 of YUV matrix
Type
UINT_16
0x218c (MSByte)
0x218d (LSByte)
w0_2
Default value
0x00
Purpose
Row 0 Column 2 of YUV matrix
Type
UINT_16
0x2190 (MSByte)
0x218f (LSByte)
w1_0
Default value
0x00
Purpose
Row 1 Column 0 of YUV matrix
Type
UINT_16
0x2193 (MSByte)
0x2194 (LSByte)
w1_1
Default value
0x00
Purpose
Row 1 Column 1 of YUV matrix
Type
UINT_16
0x2197 (MSByte)
0x2198 (LSByte)
w1_2
Default value
0x00
Purpose
Row 1 Column 2 of YUV matrix
Type
UINT_16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More