Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL6624 Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 98Page - STMicroelectronics VL6624 Datasheet HTML 99Page - STMicroelectronics VL6624 Datasheet HTML 100Page - STMicroelectronics VL6624 Datasheet HTML 101Page - STMicroelectronics VL6624 Datasheet HTML 102Page - STMicroelectronics VL6624 Datasheet HTML 103Page - STMicroelectronics VL6624 Datasheet HTML 104Page - STMicroelectronics VL6624 Datasheet HTML 105Page - STMicroelectronics VL6624 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
Ordering information
VL6624/VS6624
104/106
16
Ordering information
Table 53.
VL6524 pin assignment
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
AVDD
10
GND
19
DIO7
28
GND
2
GND
11
NC
20
DIO6
29
PCLK
3
SDA
12
NC
21
DIO5
30
VDD
4
SCL
13
NC
22
DIO4
31
NC
5CE
14
NC
23
VDD
32
NC
6
VDD
15
AVDD
24
DIO3
33
NC
7
CLK
16
HSYNC
25
DIO2
34
NC
8
GND
17
VSYNC
26
DIO1
35
NC
9FSO
18
GND
27
DIO0
36
GND
Table 54.
Order codes
Part number
Package
VS6624P0LP
SMOP2 VGA 8x8, flex
VS6624Q0KP
SMOP2 VGA 8x8, socket
VL6624QOMH
LGA 10x10x1.90 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More