Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLB06F7050/AA Fiches technique(PDF) 12 Page - Positronic.

No de pièce PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Fiches technique(HTML) 12 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 8Page - Positronic. PLB06F7050/AA Datasheet HTML 9Page - Positronic. PLB06F7050/AA Datasheet HTML 10Page - Positronic. PLB06F7050/AA Datasheet HTML 11Page - Positronic. PLB06F7050/AA Datasheet HTML 12Page - Positronic. PLB06F7050/AA Datasheet HTML 13Page - Positronic. PLB06F7050/AA Datasheet HTML 14Page - Positronic. PLB06F7050/AA Datasheet HTML 15Page - Positronic. PLB06F7050/AA Datasheet HTML 16Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
6
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
Reliable, solderless connections from connectors
to backplanes started with solid press-in technology.
Although these are still used today, concerns about
board damage led to the use of compliant press-in
technology. This technology allows the connection to
be made through compliance of the contact termination
along with printed circuit board hole deformation.
Although risk of damaged printed circuit boards and
backplanes is lessened, damage can still occur due to
relatively high insertion and extraction forces.
The next step in press-in technology is a highly
reliable connection between the contact termination and
backplane that is accomplished with reduced insertion
and extraction forces. This eliminates risk of printed
circuit. board and backplane damage. This technology
exists today with Positronic Bi-Spring Power Press-in
termination.
BI-SPRING POWER PRESS-IN TERMINATIONS
The Next Evolution In Compliant Technology. Fully Compliant, Fully Reliable.
l
Average insertion and extraction forces of size 16 contacts are 22N [5 lbs.] per
contact and do not produce stresses in printed circuit boards and backplanes that
can occur with higher insertion forces. These stresses can cause board warpage
and hole damage.
l
Connector systems utilizing Bi-Spring terminations use mounting screws to secure
the connector to the printed circuit board or backplane. Stresses that occur during
coupling, uncoupling or shock and vibration of systems are not transferred to the
printed circuit boards or backplanes through the press-in connection. The electrical
integrity of the connector to board interface is maintained; this is particularly
important in power applications. Bellcore GR1217 details a preference for mounting
hardware when using press-in terminations.
l
Size 16 Bi-Spring terminations are designed to meet the performance requirements
and hole diameters as listed in the internationally recognized specification
IEC 60352-5.
l
Lower insertion and extraction forces eliminate the need for expensive pressing equipment.
Bi-Spring Power
Press-in Compliant
Terminations
Polarizing groove
Fixed member or
discriminating
locking system
#2 self tapping mounting screws
Steel, zinc plate or stainless steel, passivated
0.155 [3.94]
dp. x ø0.076 [1.93]
mounting hole
typ.
A
B
Contact termination diameter 0.069 [1.76]
Contact lead-in diameter 0.047 [1.19]
COMPLIANT TERMINATION PRESS-IN CONNECTOR
COMPLIANT TERMINATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com