Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLB06F7050/AA Fiches technique(PDF) 56 Page - Positronic.

No de pièce PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Fiches technique(HTML) 56 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 52Page - Positronic. PLB06F7050/AA Datasheet HTML 53Page - Positronic. PLB06F7050/AA Datasheet HTML 54Page - Positronic. PLB06F7050/AA Datasheet HTML 55Page - Positronic. PLB06F7050/AA Datasheet HTML 56Page - Positronic. PLB06F7050/AA Datasheet HTML 57Page - Positronic. PLB06F7050/AA Datasheet HTML 58Page - Positronic. PLB06F7050/AA Datasheet HTML 59Page - Positronic. PLB06F7050/AA Datasheet HTML 60Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
50
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
ØB
Ø0.094
[2.39]
D
ØA
0.786 [19.96]
C
ØB
D
ØA
OAL
C
REMOVABLE CRIMP CONTACT
FOR USE WITH SHROUDED AND POWER INPUT CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 12
FEMALE CONTACT
MALE CONTACT
PART
NUMBER
WIRE SIZE
AWG/[mm2]
ØA
ØB
C
D
FC610N2S
10
[6.0]
0.147
[3.73]
N/A
N/A
0.254
[6.45]
FC612N2
12
[4.0]
0.100
[2.54]
0.165
[4.19]
0.042
[1.06]
0.309
[7.85]
PART
NUMBER
WIRE SIZE
AWG/[mm2]
ØA
ØB
C
D
OAL
MC610NS
10
[6.0]
0.147
[3.73]
N/A
N/A
0.254
[6.45]
0.795
[20.19]
MC610NS-228.2
10
[6.0]
0.147
[3.73]
N/A
N/A
0.254
[6.45]
0.714
[18.14]
MC612N
12
[4.0]
0.100
[2.54]
0.165
[4.19]
0.042
[1.06]
0.309
[7.85]
0.795
[20.19]
MC612N-228.2
12
[4.0]
0.100
[2.54]
0.165
[4.19]
0.042
[1.06]
0.309
[7.85]
0.714
[18.14]
REMOVABLE SHIELDED AND
CRIMP CONTACT
SIZE 16 AND SIZE 12
For information regarding
CRIMP TOOLS & CRIMPING TOOL TECHNIQUES, see page 54
.
MALE CONTACT
FEMALE CONTACT
REMOVABLE CRIMP SHIELDED CONTACT
FOR USE WITH PCS SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 16
Ø0.078
[1.98]
A
Ø0.121
[3.07] ØB
A
Ø0.121
[3.07]
ØB
PART
NUMBERS
CABLE
SIZE
CHARACT.
IMPED.
A
ØB
FCS126N2
RG 178 B/U
50 ohms
0.967
[24.56]
0.045
[1.14]
RG 196 B/U
50 ohms
FCS226N2
RG 179 B/U
75 ohms
1.022
[25.96]
0.070
[1.78]
RG 316 /U
50 ohms
PART
NUMBERS
CABLE
SIZE
CHARACT.
IMPED.
A
ØB
MCS126N
RG 178 B/U
50 ohms
0.993
[25.22]
0.045
[1.14]
RG 196 B/U
50 ohms
MCS226N
RG 179 B/U
75 ohms
1.022
[25.96]
0.070
[1.78]
RG 316 /U
50 ohms
See page 33
for current ratings.
“S” in
part number
indicates high
conductivity
material.
Compatible with
PLBH3W3
or PLSH
PCB mount
connecto rs.
See ordering
information.
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com