| Moteur de recherche de fiches techniques de composants électroniques |
|
PLB06F7050/AA Fiches technique(PDF) 3 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB06F7050/AA Fiches technique(HTML) 3 Page - Positronic. |
|
3 / 72 page ![]() i DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. Proven Performance In 1989, Positronic Introduced the Power Connection Systems series. Since that time PCS has been the power connector of choice in a wide variety of applications. The popularity of PCS is due to a growing list of features, they include: **Low Contact Resistance** **Sequential Mating Options** **Discriminating Locking System** **Board to Board / Board - Cable / Cable - Cable** **Size 12 Contacts with Screw Terminations** **Safety Shrouded Options** **Many Connector Variants Available From Stock** **Mixed Density Variants** |