Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLB06F7050/AA Fiches technique(PDF) 25 Page - Positronic.

No de pièce PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSITRONIC [Positronic.]
Site Internet  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Fiches technique(HTML) 25 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 21Page - Positronic. PLB06F7050/AA Datasheet HTML 22Page - Positronic. PLB06F7050/AA Datasheet HTML 23Page - Positronic. PLB06F7050/AA Datasheet HTML 24Page - Positronic. PLB06F7050/AA Datasheet HTML 25Page - Positronic. PLB06F7050/AA Datasheet HTML 26Page - Positronic. PLB06F7050/AA Datasheet HTML 27Page - Positronic. PLB06F7050/AA Datasheet HTML 28Page - Positronic. PLB06F7050/AA Datasheet HTML 29Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
19
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.737±0.002
[18.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.474±0.005
[37.44±0.13]
0.040±0.015
[1.02±0.38]
0.197±0.015
[5.00±0.38]
0.934±0.002
[23.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.868±0.005
[47.45±0.13]
0.040±0.015
[1.02±0.38]
0.237±0.015
[6.02±0.38]
0.540±0.002
[13.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.080±0.005
[27.43±0.13]
0.040±0.015
[1.02±0.38]
0.237±0.015
[6.02±0.38]
0.441±0.002
[11.20±0.05]
0.197±0.002
[5.00±0.05]
TYP.
0.882±0.005
[22.40±0.13]
0.040±0.015
[1.02±0.38]
0.237±0.015
[6.02±0.38]
0.737±0.002
[18.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.474±0.005
[37.44±0.13]
0.934±0.002
[23.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.868±0.005
[47.45±0.13]
0.540±0.002
[13.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.080±0.005
[27.43±0.13]
0.441±0.002
[11.20±0.05]
0.197±0.002
[5.00±0.05]
TYP.
0.882±0.005
[22.40±0.13]
1.131±0.002
[28.73±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
2.262±0.005
[57.45±0.13]
0.040±0.015
[1.02±0.38]
0.237±0.015
[6.02±0.38]
0.441±0.002
[11.20±0.05]
0.197±0.002
[5.00±0.05]
TYP.
0.882±0.005
[22.40±0.13]
0.040±0.015
[1.02±0.38]
0.237±0.015
[6.02±0.38]
0.157±0.015
[3.99±0.38]
0.237±0.015
[6.02±0.38]
0.237±0.015
[6.02±0.38]
0.237±0.015
[6.02±0.38]
0.237±0.015
[6.02±0.38]
PLA 03
PLA 04
PLA 08
PLB 08
PLB 16
PLA 06
PLB 06
PLB 12
PLC 09
PLB 20
RIGHT ANGLE (90°) PRINTED BOARD
CONTACT HOLE PATTERN
See page 20 for suggested printed board hole sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com