Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 192 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 192 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 188Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 189Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 190Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 191Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 192Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 193Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 194Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 195Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 196Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 234 page
background image
Nexperia selection guide 2020
192
Minimized outline drawings and reflow soldering footprint
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD992
sod992_po
13-10-28
13-11-01
Unit
mm
max
nom
min
0.14 0.42
0.12
0.17
0.25
0.40
0.38
A
Dimensions (mm are the original dimensions)
E
D
0.22
0.10
0.15
0.18
L
b
e
0
0.5 mm
scale
A
E
D
L
L
b (2x)
1
2
e
0.12
0.20 0.11
0.16
0.10
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
14-08-22
14-08-25
0.23
(2x)
0.18
(2x)
0.20
(2x)
0.16
0.66
0.56
0.36
0.33
0.38
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
14-08-22
14-08-25
0.23
(2x)
0.18
(2x)
0.20
(2x)
0.16
0.66
0.56
0.36
0.33
0.38
DSN0402-2 (SOD992)
DSN0402-2 (SOD992)
2-pin SMD packages
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
DSN0402B (SOD992B)
DSN0402B (SOD992B)
Nexperia
SOD962B
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 x 0.3 x 0.2 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD962B
- - -
sod962b_po
17-01-16
17-08-04
Unit
mm
max
nom
min
0.22
0.18
0.03
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A(2)
Dimensions (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
2. Dimension A is including coating foil thickness.
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.2 mm
SOD962B
A1
b
0.25
0.23
D
E
e1
L
0
0.5 mm
scale
A
A1
E
D
(1)
e1
L
(2x)
b
(2x)
1
2
Fig. 1. Package outline DSN0603B-2 (SOD962B)
SOD962B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
2 / 5
Nexperia
SOD962B
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 x 0.3 x 0.2 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD962B
- - -
sod962b_po
17-01-16
17-08-04
Unit
mm
max
nom
min
0.22
0.18
0.03
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A(2)
Dimensions (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
2. Dimension A is including coating foil thickness.
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.2 mm
SOD962B
A1
b
0.25
0.23
D
E
e1
L
0
0.5 mm
scale
A
A1
E
D
(1)
e1
L
(2x)
b
(2x)
1
2
Fig. 1. Package outline DSN0603B-2 (SOD962B)
SOD962B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
2 / 5
DSN0603B-2 (SOD962B)
DSN0603B-2 (SOD962B)
Nexperia
SOD962B
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 x 0.3 x 0.2 mm body
3. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962B
sod962b_fr
occupied area
solder paste
solder lands
Dimensions in mm
17-01-16
17-08-04
0.676
0.16
0.2
0.4
0.2
0.2
0.256
0.256
0.6
0.85
0.28
0.4
Fig. 2. Reflow soldering footprint for DSN0603B-2 (SOD962B)
SOD962B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
3 / 5
Nexperia
SOD962B
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 x 0.3 x 0.2 mm body
3. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962B
sod962b_fr
occupied area
solder paste
solder lands
Dimensions in mm
17-01-16
17-08-04
0.676
0.16
0.2
0.4
0.2
0.2
0.256
0.256
0.6
0.85
0.28
0.4
Fig. 2. Reflow soldering footprint for DSN0603B-2 (SOD962B)
SOD962B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
3 / 5
DSN0603-2 (SOD962-2)
DSN0603-2 (SOD962-2)
Nexperia
SOD962-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 mm x 0.3 mm x 0.3 mm body
3. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962-2
sod962-2_fr
occupied area
solder paste
solder lands
Dimensions in mm
14-06-12
16-02-01
0.676
0.16
0.2
0.4
0.2
0.2
0.256
0.256
0.6
0.85
0.28
0.4
Fig. 2. Reflow soldering footprint for DSN0603-2 (SOD962-2)
SOD962-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
3 / 5
Nexperia
SOD962-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 mm x 0.3 mm x 0.3 mm body
3. Soldering
Footprint information for reflow soldering of leadless ultra small package; 2 terminals
SOD962-2
sod962-2_fr
occupied area
solder paste
solder lands
Dimensions in mm
14-06-12
16-02-01
0.676
0.16
0.2
0.4
0.2
0.2
0.256
0.256
0.6
0.85
0.28
0.4
Fig. 2. Reflow soldering footprint for DSN0603-2 (SOD962-2)
SOD962-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
3 / 5
Nexperia
SOD962-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 mm x 0.3 mm x 0.3 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD962-2
sod962-2_po
13-07-12
13-07-17
Unit
mm
max
nom
min
0.32
0.28
0.03
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A
Dimensions (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3 mm
SOD962-2
A1
b
0.25
0.23
D
E
e1
L
0
0.5 mm
scale
A
A1
E
D
(1)
e1
L
b
1
2
Fig. 1. Package outline DSN0603-2 (SOD962-2)
SOD962-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
2 / 5
Nexperia
SOD962-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm pitch; 0.6 mm x 0.3 mm x 0.3 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD962-2
sod962-2_po
13-07-12
13-07-17
Unit
mm
max
nom
min
0.32
0.28
0.03
0.325
0.275
0.625
0.575
0.4
0.15
0.13
A
Dimensions (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3 mm
SOD962-2
A1
b
0.25
0.23
D
E
e1
L
0
0.5 mm
scale
A
A1
E
D
(1)
e1
L
b
1
2
Fig. 1. Package outline DSN0603-2 (SOD962-2)
SOD962-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
5 June 2018
2 / 5
Nexperia
SOD992B
silicon, leadless tiny package; 2 terminals; 0.28 mm pitch; 0.43 mm x 0.23 mm x 0.12 mm body
3. Soldering
Footprint information for reflow soldering of DSN0402B-2, leadless tiny package; 2 terminals
SOD992B
sod992b_fr
occupied area
solder land
solder paste
Dimensions in mm
19-02-06
19-04-03
0.55
Cu pads (solder lands) are connected by micro-vias
recommend stencil thickness: 0.08 mm
0.15
0.13
0.13
0.28
R 0.065
via Ø0.085
0.2
0.35
Fig. 2. Reflow soldering footprint for DSN0402B (SOD992B)
SOD992B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
3 October 2019
3 / 5
Nexperia
SOD992B
silicon, leadless tiny package; 2 terminals; 0.28 mm pitch; 0.43 mm x 0.23 mm x 0.12 mm body
3. Soldering
Footprint information for reflow soldering of DSN0402B-2, leadless tiny package; 2 terminals
SOD992B
sod992b_fr
occupied area
solder land
solder paste
Dimensions in mm
19-02-06
19-04-03
0.55
Cu pads (solder lands) are connected by micro-vias
recommend stencil thickness: 0.08 mm
0.15
0.13
0.13
0.28
R 0.065
via Ø0.085
0.2
0.35
Fig. 2. Reflow soldering footprint for DSN0402B (SOD992B)
SOD992B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
3 October 2019
3 / 5
Nexperia
SOD992B
silicon, leadless tiny package; 2 terminals; 0.28 mm pitch; 0.43 mm x 0.23 mm x 0.12 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD992B
- - -
sod992b_po
18-08-21
18-08-22
Unit
mm
max
nom
min
0.14 0.46
0.15 0.22
0.28
0.43
0.40
A
Dimensions (mm are the original dimensions)
DSN0402B-2, leadless tiny package; 2 terminals
SOD992B
E
D
0.26
0.11
0.18
0.20
L
b
e
0
0.5 mm
scale
A
E
D
L
L
b (2x)
1
2
optional feature
(polarity indicator)
side view
e
0.12
0.23 0.13 0.20
0.10
X
detail X
top view
bottom view
Fig. 1. Package outline DSN0402B (SOD992B)
SOD992B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
3 October 2019
2 / 5
Nexperia
SOD992B
silicon, leadless tiny package; 2 terminals; 0.28 mm pitch; 0.43 mm x 0.23 mm x 0.12 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD992B
- - -
sod992b_po
18-08-21
18-08-22
Unit
mm
max
nom
min
0.14 0.46
0.15 0.22
0.28
0.43
0.40
A
Dimensions (mm are the original dimensions)
DSN0402B-2, leadless tiny package; 2 terminals
SOD992B
E
D
0.26
0.11
0.18
0.20
L
b
e
0
0.5 mm
scale
A
E
D
L
L
b (2x)
1
2
optional feature
(polarity indicator)
side view
e
0.12
0.23 0.13 0.20
0.10
X
detail X
top view
bottom view
Fig. 1. Package outline DSN0402B (SOD992B)
SOD992B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
3 October 2019
2 / 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com