Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD01 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 23Page - STMicroelectronics L99LD01 Datasheet HTML 24Page - STMicroelectronics L99LD01 Datasheet HTML 25Page - STMicroelectronics L99LD01 Datasheet HTML 26Page - STMicroelectronics L99LD01 Datasheet HTML 27Page - STMicroelectronics L99LD01 Datasheet HTML 28Page - STMicroelectronics L99LD01 Datasheet HTML 29Page - STMicroelectronics L99LD01 Datasheet HTML 30Page - STMicroelectronics L99LD01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
DocID025319 Rev 3
27/69
L99LD01
Functional description
68
Figure 17. LED overvoltage detection due to a possible battery VS overvoltage
Figure 18. Behavior of LED overvoltage recovery bit with low on-time of PWM_L
2.2.11
Programming the over/under voltage threshold
The voltage across the LED string is continuously sensed by the external resistor divider
R5/R6 and reported inside the chip trough the apposite pin VLED. Considering negligible the
voltage drop due to the sense resistor and the VDS of external mosfet M2 respect to the LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69