Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD01 Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 61Page - STMicroelectronics L99LD01 Datasheet HTML 62Page - STMicroelectronics L99LD01 Datasheet HTML 63Page - STMicroelectronics L99LD01 Datasheet HTML 64Page - STMicroelectronics L99LD01 Datasheet HTML 65Page - STMicroelectronics L99LD01 Datasheet HTML 66Page - STMicroelectronics L99LD01 Datasheet HTML 67Page - STMicroelectronics L99LD01 Datasheet HTML 68Page - STMicroelectronics L99LD01 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
DocID025319 Rev 3
65/69
L99LD01
Package information
68
8
Package information
8.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
8.2
LQFP32™ package information
Figure 40. LQFP32™ package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69