Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD01 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 49Page - STMicroelectronics L99LD01 Datasheet HTML 50Page - STMicroelectronics L99LD01 Datasheet HTML 51Page - STMicroelectronics L99LD01 Datasheet HTML 52Page - STMicroelectronics L99LD01 Datasheet HTML 53Page - STMicroelectronics L99LD01 Datasheet HTML 54Page - STMicroelectronics L99LD01 Datasheet HTML 55Page - STMicroelectronics L99LD01 Datasheet HTML 56Page - STMicroelectronics L99LD01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
DocID025319 Rev 3
53/69
L99LD01
Electrical characteristics
68
Table 31. Watchdog and timers parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Units
tWDTO
Watchdog timeout window
100 or 200(1)
ms
tDStart
Start time window
5
ms
tEnRecov
5ms
1.
Selectable by SPI command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69