Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD01 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 59Page - STMicroelectronics L99LD01 Datasheet HTML 60Page - STMicroelectronics L99LD01 Datasheet HTML 61Page - STMicroelectronics L99LD01 Datasheet HTML 62Page - STMicroelectronics L99LD01 Datasheet HTML 63Page - STMicroelectronics L99LD01 Datasheet HTML 64Page - STMicroelectronics L99LD01 Datasheet HTML 65Page - STMicroelectronics L99LD01 Datasheet HTML 66Page - STMicroelectronics L99LD01 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
DocID025319 Rev 3
63/69
L99LD01
Application circuits
68
Figure 38. Reverse battery protection: an example for boost topology
If the DRL module is supplied by a high side driver (HSD) of the body control module (BCM),
a minimum current consumption is requested during the off phase of the PWM dimming, so
that the HSD of the BCM do not detect a wrong open load condition. This is in charge of the
µP which has to draw this “minimum current consumption”, from the supply line (see
Figure 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69