| Moteur de recherche de fiches techniques de composants électroniques |
|
FC106 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FC106 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 32 page ![]() FC106 Revision 1.2 3/32 September 98 6 Timing Specifications - - - ---- ------ ---- --- 20 6.1 Transmit interface timing and latency - - - - - - - ---- 20 6.2 Receive interface timing - ---- -- -- - - - - - - - - 21 6.2.1 Receive clock timing and latency - - - - - - - ---- 21 6.2.2 Receive interface timing - - - - - - - - ---- --- 23 6.3 Serial Input/output AC characteristics - - - - - - - ---- 24 7 FC106 Pin Description - - - - - - - - - ---- - - -- - - 25 7.1 Pin summary - - - - - - - - - - ----- -- - - - --- 25 7.2 Pin functions - - - - - - - - - - - - - - - - - - - - - - - 26 8 Package Specifications ----- ---- --- -- - - - - - 29 8.1 FC106 64-pin PQFP pinout - - - ---- ---- -- --- 29 8.2 FC106 64-pin Quad Flat-pack package dimensions ---- 30 8.2.1 FC106/14: 14x14 mm package dimensions - - ---- 30 8.2.2 FC106/10: 10x10 mm package dimensions - - ---- 31 |