Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC106 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics FC106 Datasheet HTML 12Page - STMicroelectronics FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics FC106 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
FC106
Revision 1.2
12/32
September 98
3.10 Byte and word alignment
The word alignment function is performed under control of the EN_CDET signal.
When EN_CDET is high, the word alignment function is operational. If an improperly aligned
comma is encountered, the internal data is shifted to realign the comma character at the
deserializer output (RX[0:9]). In this process, up to three characters prior to the comma
character may be corrupted.
3.11 Clock recovery
The clock recovery block generates the two receiver byte clocks RBC[0:1] at half the
frequency corresponding to the RX+/RX- byte data rate. These two byte clocks are 180
° out
of phase with each other. They are alternatively used to clock the 10-bit parallel output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32