Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC106 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 3Page - STMicroelectronics FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics FC106 Datasheet HTML 10Page - STMicroelectronics FC106 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
FC106
Revision 1.2
7/32
September 98
3
Functional Description
The FC106 provides all required signals in the 10-Bit Interface Specification for Fibre
Channel. It also provides 10 pins for additional functions (these pins are marked in the
following by *). The additional functions are:
• impedance control (ZC+*, ZC-*)
• production test through JTAG (TCK(*)-TRSTN(*)-TMS(*)-TDI(*)-TDO(*)- TEST ENABLE(*))
• self-test of the chip (AT*)
• reset pin (RS) (but note that another reset is automatically generated in the chip during
power on).
In addition to implementing the Fibre Channel standard, the FC106 is adaptable through the
JTAG path to the transmission of any sequence of 10-bit encoded characters at rates varying
between 1 and 1.1 Gbaud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32