Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC106 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics FC106 Datasheet HTML 21Page - STMicroelectronics FC106 Datasheet HTML 22Page - STMicroelectronics FC106 Datasheet HTML 23Page - STMicroelectronics FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
FC106
Revision 1.2
22/32
September 98
Figure 6.3
Receive clock latency
Table 6.3
Receive clock latency characteristics
Parameter
Description
Min
Typ
Max
Units
TRLA
Data Reception Latency: Serial (first bit at
receiver) to 10-bit parallel output sampled by
RBC[0,1].
--5 RBC
cycles
+4 ns
ns
RBC[1]
RBC[0]
bit 0 of serial
data 1
TX+
RX[0:9]
TRLA
DATA 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32