| Moteur de recherche de fiches techniques de composants électroniques |
|
STA108X Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA108X Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 127 page ![]() Ball list STA108x, STA109x 108/127 DS13319 Rev 2 H2 GPIO99 PU GPIO Input GPIO Input H3 GPIO100 Disabled ALTB Output. Low. ALTB Output. Low. H4 GPIO101 Disabled ALTB Output. Low. ALTB Output. Low. H5 VDD - NA NA H6 VDD_IO - NA NA H7 GND - NA NA H8 GND - NA NA H9 GND - NA NA H10 GND - NA NA H11 GND - NA NA H12 GND - NA NA H13 USB_VREG3V3_1V1 - NA NA H14 ADC0_1_AVDD - NA NA H15 DAC_I/O_AVDD - NA NA H16 ADC2_AIN5 - Input Input H17 ADC2_AIN0_XP - HighZ HighZ H18 ADC1_AIN1_P - Input Input H19 ADC1_AIN1_N - Input Input J1 GPIO102 Disabled ALTB Output. Low. ALTB Output. Low. J2 GPIO103 Disabled ALTB Output. Low. ALTB Output. Low. J3 GPIO104 Disabled ALTB Output. Low. ALTB Output. Low. J4 GPIO105 Disabled ALTB Output. High. ALTB Output. High. J5 VDD - NA NA J6 VDD_IO - NA NA J7 GND - NA NA J8 GND - NA NA J9 GND - NA NA J10 GND - NA NA J11 GND - NA NA J12 GND - NA NA J13 USB_VREG3V3_1V8 - NA NA J14 ADC0_1_AGND - NA NA J15 ADC0_1_VRFP - NA NA J16 ADC0_1_VRFN - NA NA Table 56. STA109x Ball list (continued) Ball Ball name Pull up/down RESET DIR (REMAP[1:0]=00,01,10) RESET DIR (REMAP[1:0]=11) |