| Moteur de recherche de fiches techniques de composants électroniques |
|
STA108X Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA108X Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 127 page ![]() Signal description STA108x, STA109x 38/127 DS13319 Rev 2 3.1.12 VIP - Only available in STA109x 3.1.13 Debug Table 14. Video input signals Name GPIOs Balls DIR Power Domain Description VIP_DAT0 GPIO116 T9 O VDD_IO Video Input Port. Data 0. VIP_DAT1 GPIO115 R9 O VDD_IO Video Input Port. Data 1 VIP_DAT2 GPIO114 P9 O VDD_IO Video Input Port. Data 2. VIP_DAT3 GPIO113 U10 O VDD_IO Video Input Port. Data 3. VIP_DAT4 GPIO112 T10 O VDD_IO Video Input Port. Data 4. VIP_DAT5 GPIO111 R10 O VDD_IO Video Input Port. Data 5. VIP_DAT6 GPIO110 P10 O VDD_IO Video Input Port. Data 6. VIP_DAT7 GPIO109 U11 O VDD_IO Video Input Port. Data 7. VIP_HSYNCH GPIO107 T11 O VDD_IO Video Input Port. Horizontal synchronization pulse signal. VIP_PIXCLK GPIO106 U9 O VDD_IO Video Input Port. Pixel clock. VIP_VSYNCH GPIO108 R11 O VDD_IO Video Input Port. Vertical synchronization pulse signal. Table 15. Debug signals Name GPIOs Balls DIR Power Domain Description ETM_CLK GPIO13 GPIO103 GPIO119(1) B8 J2 T12 O VDD_IO ETM. TRACE clock output. The trace port must be sampled on both edges of this clock. There is no requirement for this to be linked to the core clock. ETM_CTL GPIO14 GPIO104 GPIO120(1) A7 J3 R12 O VDD_IO ETM. ETM control line. This signal indicates whether trace can be stored this cycle, in conjunction with TRACEDATA[0]. This signal does not have to be stored. ETM_D0 GPIO0 GPIO90 GPIO121(1) A11 F1 P12 O VDD_IO ETM. TRACEDATA0. ETM_D1 GPIO1 GPIO91 GPIO122(1) B12 F2 U13 O VDD_IO ETM. TRACEDATA1. ETM_D10 GPIO10 GPIO100 GPIO131(1) C8 H3 U15 O VDD_IO ETM. TRACEDATA10. |