| Moteur de recherche de fiches techniques de composants électroniques |
|
STA108X Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA108X Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 127 page ![]() Signal description STA108x, STA109x 34/127 DS13319 Rev 2 FSMC_SMADQ_12 GPIO62 GPIO152(1) V10 R7 I/O VDD_IO FSMC. Multiplexed address/data line 12. FSMC_SMADQ_13 GPIO61 GPIO151(1) W10 P7 I/O VDD_IO FSMC. Multiplexed address/data line 13. FSMC_SMADQ_14 GPIO66 GPIO150(1) V19 U5 I/O VDD_IO FSMC. Multiplexed address/data line 14. FSMC_SMADQ_15 GPIO65 GPIO149(1) V18 P6 I/O VDD_IO FSMC. Multiplexed address/data line 15. FSMC_SMADQ_2 GPIO87 GPIO95 V15 G2 I/O VDD_IO FSMC. Multiplexed address/data line 2. FSMC_SMADQ_3 GPIO52 GPIO94 W14 G1 I/O VDD_IO FSMC. Multiplexed address/data line 3. FSMC_SMADQ_4 GPIO53 GPIO93 V14 F4 I/O VDD_IO FSMC. Multiplexed address/data line 4. FSMC_SMADQ_5 GPIO55 GPIO92 W13 F3 I/O VDD_IO FSMC. Multiplexed address/data line 5. FSMC_SMADQ_6 GPIO56 GPIO91 V13 F2 I/O VDD_IO FSMC. Multiplexed address/data line 6. FSMC_SMADQ_7 GPIO57 GPIO90 W12 F1 I/O VDD_IO FSMC. Multiplexed address/data line 7. FSMC_SMADQ_8 GPIO48 GPIO72 E4 W17 I/O VDD_IO FSMC. Multiplexed address/data line 8. FSMC_SMADQ_9 GPIO47 GPIO89 E3 W15 I/O VDD_IO FSMC. Multiplexed address/data line 9. FSMC_WAITn GPIO76 GPIO148(1) U1 R5 I VDD_IO FSMC Wait. Wait signal for NOR flash memory (active low). FSMC_WEn GPIO84 GPIO102 V5 J1 O VDD_IO FSMC Write Enable. For SRAM/NOR-Flash and NAND-Flash (active low). FSMC_WPn GPIO75 GPIO98 W3 H1 O VDD_IO FSMC Write protect. Used for NOR-Flash memories (active LOW). SDRAM_ADD_0 GPIO64 V9 O VDD_IO SDR SDRAM. Address line 0. SDRAM_ADD_1 GPIO63 W9 O VDD_IO SDR SDRAM. Address line 1. SDRAM_ADD_10 GPIO54 W8 O VDD_IO SDR SDRAM. Address line 10. SDRAM_ADD_11 GPIO53 V14 O VDD_IO SDR SDRAM. Address line 11. SDRAM_ADD_12 GPIO52 W14 O VDD_IO SDR SDRAM. Address line 12. SDRAM_ADD_2 GPIO62 V10 O VDD_IO SDR SDRAM. Address line 2. Table 12. Memory signals (continued) Name GPIOs Balls DIR Power Domain Description |