Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA108X Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 21Page - STMicroelectronics STA108X Datasheet HTML 22Page - STMicroelectronics STA108X Datasheet HTML 23Page - STMicroelectronics STA108X Datasheet HTML 24Page - STMicroelectronics STA108X Datasheet HTML 25Page - STMicroelectronics STA108X Datasheet HTML 26Page - STMicroelectronics STA108X Datasheet HTML 27Page - STMicroelectronics STA108X Datasheet HTML 28Page - STMicroelectronics STA108X Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
DS13319 Rev 2
25/127
STA108x, STA109x
Signal description
126
3.1.5
PWM and input capture
UART0_RX
-
K3
I
VDD_IO UART0. Received serial data.
UART0_TX
-
K4
O
VDD_IO UART0. Transmitted serial data.
UART1_CTS
GPIO40
B1
I
VDD_IO UART1. Clear to send.
UART1_RTS
GPIO41
A2
O
VDD_IO UART1. Request to send.
UART1_RX
GPIO25
GPIO35
GPIO37
R4
B3
T16
I
VDD_IO UART1. Received serial data.
UART1_TX
GPIO24
GPIO34
GPIO36
R3
B4
T17
O
VDD_IO UART1. Transmitted serial data.
UART2_RX
GPIO9
GPIO38
A8
T18
I
VDD_IO UART2. Received serial data.
UART2_TX
GPIO12
GPIO39
B9
R19
O
VDD_IO UART2. Transmitted serial data.
UART3_RX
GPIO33
GPIO40
M2
B1
I
VDD_IO UART3. Received serial data.
UART3_TX
GPIO32
GPIO41
M3
A2
O
VDD_IO UART3. Transmitted serial data.
1. Only available in STA10x5.
Table 6. Peripherals signals (continued)
Name
GPIOs
Balls
DIR
Power
domain
Description
Table 7. EFT signals
Name
GPIOs
Balls
DIR
Power
Domain
Description
EFT0_EXTCK
GPIO22
GPIO30
R1
M1
I
VDD_IO EFT0. External Input Clock.
EFT0_ICAP0
GPIO22
GPIO42
R
A3
I
VDD_IO EFT0. Input Capture 0.
EFT0_ICAP1
GPIO23
GPIO43
R2
A4
I
VDD_IO EFT0. Input Capture 1.
EFT0_OCMP0
GPIO24
GPIO42
R3
A3
O
VDD_IO EFT0. Output compare 0.
EFT0_OCMP1
GPIO25
GPIO43
R4
A4
O
VDD_IO EFT0. Output compare 1.
EFT1_EXTCK
GPIO26
GPIO31
N16
M4
I
VDD_IO EFT1 External Input Clock
EFT1_ICAP0
GPIO26
GPIO34
N16
B4
I
VDD_IO EFT1. Input Capture 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More