Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 225 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 225 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 221Page - STMicroelectronics L9680 Datasheet HTML 222Page - STMicroelectronics L9680 Datasheet HTML 223Page - STMicroelectronics L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 286 page
background image
DS11615 Rev 7
225/286
L9680
System voltage diagnostics
285
Figure 70. ADC conversion time
GAPGPS01655
Pre-
ADC
S * T_SC
IQ
Post
ADC
S * T_SC
IQ
S * T_SC
IQ
S * T_SC
DIAGCTRL_A
DIAGCTRL_B
DIAGCTRL_C
DIAGCTRL_D
Pre-ADC = Initial ADC Settling Time= 4.81us
S = # of Samples(default = 4 for voltage only measurements
)
T_SC = Single Sample Conversion Time
= 2.25us
IQ = Intra-Queue Settling Time= 3.5us
Post-ADC = Final ADC Settling Time= 3.44us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More