| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 90 Page - STMicroelectronics |
|
90 / 286 page ![]() SPI interfaces L9680 90/286 DS11615 Rev 7 7.4.13 Device version register (VERSION_ID) ID: 27 Type: R Read: 2700 Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 0 0 0 0 0 0 0 0 DEVICE ID 0 0 VERSN DEVICE ID - - - Identification of the device Static value - never updated 001 Low end 010 Medium end 011 High end VERSN - - - Identification of the silicon version Static value - never updated 000000 AA version 000001 AB version 001000 BA version 001001 BB version 010000 CA version 010001 CB version 010010 CC version |