| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 286 page ![]() SPI interfaces L9680 72/286 DS11615 Rev 7 0 VCORMON in range (VCORE_UV<VCOREMON<VCORE_OV) 1 VCOREMON out of range (VCOREMON<VCORE_UV, or VCOREMON>VCORE_OV) POR 1 - - Power on Reset Set when POR goes to '1', cleared upon SPI read 0 POR reset has not occurred 1 POR Reset has occurred |