Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 70Page - STMicroelectronics L9680 Datasheet HTML 71Page - STMicroelectronics L9680 Datasheet HTML 72Page - STMicroelectronics L9680 Datasheet HTML 73Page - STMicroelectronics L9680 Datasheet HTML 74Page - STMicroelectronics L9680 Datasheet HTML 75Page - STMicroelectronics L9680 Datasheet HTML 76Page - STMicroelectronics L9680 Datasheet HTML 77Page - STMicroelectronics L9680 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 286 page
background image
SPI interfaces
L9680
74/286
DS11615 Rev 7
0 Internal
1 External
HI_LEV_DIAG_TIME
0
0
0 Selection of duration of high level squib/pyroswitch diagnostics
0 Short time (see high level diag diagram)
1 Long time (see high level diag diagram)
RSU_SYNCPULSE_
SHIFT_CONF
0
0
0 Selection of sync pulses shift duration
0 Long time
1 Short time
SQMEAS 00
00
00 Sample number in DC sensor, squib/pyroswitch measurement and
temperature conversions
Updated by SSM_RESET or SPI write
00 8 samples
01 16 samples
10 4 samples
11 2 sample
VMEAS 00
00
00 Sample number in any other voltage measurement conversions
Updated by SSM_RESET or SPI write
00 4 samples
01 16 samples
10 8 samples
11 1 sample
DCS_PAD_V
0
0
0 Passenger inhibit measurement mode
0 Current
1 Voltage
SAFESEL
1
1
1 Safing engine mode select
Updated by SSM_RESET or SPI write
0 Internal safing engine
1 external safing engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More