| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 210 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 210 Page - STMicroelectronics |
|
210 / 286 page ![]() Safing logic L9680 210/286 DS11615 Rev 7 Figure 60. Safing engine arming flow diagram i++ i = N? POS_COUNT[i] >= ARMP_TH? ARMP = 1 Y N ARMSEL[i] = 00, 01, or 11? ARM1[i]=1 & TIMER_CNT1< DWELL[i] ARM2[i]=1 & TIMER_CNT2< DWELL[i] TIMER_CNT1= DWELL[i] TIMER_CNT2= DWELL[i] Y Y N NN ARMP = 0 ARMSEL[i] = 00, 10, or 11? Y Y Y TIMER_CNT1 > 0? ARM1INT=1 ARM1INT=0 Y N TIMER_CNT2 > 0? ARM2INT=1 ARM2INT=0 Y N NEG_COUNT[i] >= ARMN_TH? ARMN = 1 Y N ARMN = 0 N i=1 N TIMER_CNTx is a 10 bit down counter always running at 2ms TIMER_CNTx control extends to 4 for high/mid ARMxINT control extends to 4 for high/mid START N=5 (L9678) N=13 (L9679) N=17 (L9680) GAPGPS02297 |