Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 203 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 203 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 199Page - STMicroelectronics L9680 Datasheet HTML 200Page - STMicroelectronics L9680 Datasheet HTML 201Page - STMicroelectronics L9680 Datasheet HTML 202Page - STMicroelectronics L9680 Datasheet HTML 203Page - STMicroelectronics L9680 Datasheet HTML 204Page - STMicroelectronics L9680 Datasheet HTML 205Page - STMicroelectronics L9680 Datasheet HTML 206Page - STMicroelectronics L9680 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 286 page
background image
DS11615 Rev 7
203/286
L9680
Safing logic
285
Figure 55. Safing engine - Combine function flow chart
COMBINE
GAPGPS02294
4: SR4
3: SR3
2: SR2
1: SR1
i = Safing Record index:
i = Safing Record index:
1: SR1
D
i=1
3: SR3
4: SR4
N=13 (L9680)
Outputs to COMPARE function:
dataresult[i]
CC[i]
comp[i]
N=9 (L9679)
N=5 (L9678)
i = N?
COMB[i+1]=1?
N
dataresult[i+1] = temp - dataresult[i]
temp = dataresult[i+1]
Y
COMB[i]=1?
N
Y
=1?
& valCC[i+1]
ValCC[i]
E
N
dataresult[i] = temp + dataresult[i+1]
temp = dataresult[i]
i= i+2
N
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More