Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 176 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 176 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 286 page
background image
Deployment drivers
L9680
176/286
DS11615 Rev 7
8.5.2
High level diagnostic approach
In this approach, the test steps described in the sections below are coded into a dedicated
state machine that helps reducing the user intervention to a minimum.
The high-level diagnostic commands are contained in the LPDIAGREQ, LOOP_DIAG_SEL,
and LOOP_DIAG_CHSEL registers. The high-level diagnostic response is available in the
LPDIAGSTAT register.
The concept is depicted in the following figures.
Figure 37. High level loop diagnostic flow 1
GAPGPS01643
Low level diagnostic is selected (bit 15
of LPDIAGREQ is low) OR an invalid
high level diagnostic is selected OR we
are in DEP_ENABLED state
Leakage test time elapsed
Leakage test time elapsed
SBL flag is asserted if STG
is no more present
AND (FET test is selected)
AND NO leakage is present
Leakage test time elapsed
AND ((LEAKAGE test) OR
(SBL and no leakage is
present) OR (FET test and
leakage is present))
Latch STB, STG flags
FP = 1 if FET test is selected
VRCM (check time elapsed
AND ((VRCM, CHECK test)
is selected OR VRCM fails)
Latch STB, STG flags
FP = 1 if LEAKAGE or
FET T tests are selected
Leakage test time elapsed
AND (SBL is selected)
AND leakage is present
TIP = 1
Enable VRCM
Disable ISRC and
ISINK
Disable ALL pull
down currents
TIP = 1
TIP = 0
Enable VRCM
Disable ISRC and ISINK
TIP = 1
Enable VRCM
Disable ISRC and ISINK
TIP = 1
Enable VRCM
Disable ISRC and ISINK
Enable HS or LS FET if also
DSTEST = 0111 or 1000
TIP = 1
Off time elapsed AND new
diagnostic request is
VRCM_CHECK OR
LEAKAGE OR SBL OR
FET tests
Off time = 24μs
New high level diagnostic request
(bit 15 of LPDIAGREQ is high)
Wait enaugh time to
be sure that all
currents and voltages
supplies start in OFF state
FET test timeout = 200μs
Leakage test time = 152/600μs
Leakage test time = 152/600μs
FET TEST
DIAG_OFF
WAIT_OFF
LEAKAGE_TEST_1
LEAKAGE_TEST_2
VRCM check time = 40μs/160μs
VRCM_CHECK
Leakage is detected (due to
the fact that FETs work
properly) OR FET test
timeout elapsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More