Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 145 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 145 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 141Page - STMicroelectronics L9680 Datasheet HTML 142Page - STMicroelectronics L9680 Datasheet HTML 143Page - STMicroelectronics L9680 Datasheet HTML 144Page - STMicroelectronics L9680 Datasheet HTML 145Page - STMicroelectronics L9680 Datasheet HTML 146Page - STMicroelectronics L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 286 page
background image
DS11615 Rev 7
145/286
L9680
SPI interfaces
285
E700 (SAF_THRESHOLD_9)
E800 (SAF_THRESHOLD_10)
E900 (SAF_THRESHOLD_11)
EA00 (SAF_THRESHOLD_12)
EB00 (SAF_THRESHOLD_13)
EC00 (SAF_THRESHOLD_14)
ED00 (SAF_THRESHOLD_15)
EE00 (SAF_THRESHOLD_16)
Write:
80BE (SAF_THRESHOLD_1)
80C0 (SAF_THRESHOLD_2)
80C2 (SAF_THRESHOLD_3)
80C4 (SAF_THRESHOLD_4)
80C6 (SAF_THRESHOLD_5)
80C8 (SAF_THRESHOLD_6)
80CA (SAF_THRESHOLD_7)
80CC (SAF_THRESHOLD_8)
80CE (SAF_THRESHOLD_9)
80D0 (SAF_THRESHOLD_10)
80D2 (SAF_THRESHOLD_11)
80D4 (SAF_THRESHOLD_12)
80D6 (SAF_THRESHOLD_13)
80D8 (SAF_THRESHOLD_14)
80DA (SAF_THRESHOLD_15)
80DB (SAF_THRESHOLD_16)
SAF_THRESHOLD_x $FFFF $FFFF $FFFF Safing threshold for safing record x - 16-bit threshold used for safing data
comparison
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More