| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 107 Page - STMicroelectronics |
|
107 / 286 page ![]() DS11615 Rev 7 107/286 L9680 SPI interfaces 285 LEAK_CHSEL[3:0] 0000 0000 0000Squib/pyroswitch Leakage Measurement Channel select - selects the channel and muxes for the leakage test, and the channel for HS/LS FET test activation. Updated by SSM_RESET or SPI write 0000 Channel 0 0001 Channel 1 0010 Channel 2 0011 Channel 3 0100 Channel 4 0101 Channel 5 0110 Channel 6 0111 Channel 7 1000 Channel 8 1001 Channel 9 1010 Channel A 1011 Channel B 0100 - 1111 None Selected |