Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAMP0 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 37Page - STMicroelectronics STAMP0 Datasheet HTML 38Page - STMicroelectronics STAMP0 Datasheet HTML 39Page - STMicroelectronics STAMP0 Datasheet HTML 40Page - STMicroelectronics STAMP0 Datasheet HTML 41Page - STMicroelectronics STAMP0 Datasheet HTML 42Page - STMicroelectronics STAMP0 Datasheet HTML 43Page - STMicroelectronics STAMP0 Datasheet HTML 44Page - STMicroelectronics STAMP0 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
41/62
5.2.16
RMS meter threshold value MSB (reg. 0x0F)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_TH[15:8]
0
0
0
0
0
0
0
0
5.2.17
RMS meter threshold value LSB (reg. 0x10)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_TH[7:0]
0
0
0
1
1
1
1
1
5.2.18
RMS meter enable value MSB (reg. 0x11)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_EN[15:8]
0
0
0
0
0
0
0
0
5.2.19
RMS meter enable value LSB (reg.0x12)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_EN[7:0]
0
0
0
0
0
0
0
1
5.2.20
RMS channel1 value MSB (reg.0x13)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_CH1[15:8]
0
0
0
0
0
0
0
0
5.2.21
RMS channel1 value LSB (reg. 0x14)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_CH1[7:0]
0
0
0
0
0
0
0
0
5.2.22
RMS channel2 value MSB (reg. 0x15)
B7
B6
B5
B4
B3
B2
B1
B0
RMS_CH2[15:8]
0
0
0
0
0
0
0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62