Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAMP0 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 13Page - STMicroelectronics STAMP0 Datasheet HTML 14Page - STMicroelectronics STAMP0 Datasheet HTML 15Page - STMicroelectronics STAMP0 Datasheet HTML 16Page - STMicroelectronics STAMP0 Datasheet HTML 17Page - STMicroelectronics STAMP0 Datasheet HTML 18Page - STMicroelectronics STAMP0 Datasheet HTML 19Page - STMicroelectronics STAMP0 Datasheet HTML 20Page - STMicroelectronics STAMP0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
STAMP0
Architecture
DocID028639 Rev 1
17/62
4.3
ST microphone recombination (STMRecomb)
The STMRecomb block provides support for dual-membrane microphones. It handles the
two PDM bit-streams in order to obtain a single data channel with the best tradeoff between
them; low distortion for High Sound Pressure Level Signals (HSPL) and high signal-to-
noise ratio (SNR) for low SPL signals.
STAMP0 integrates four distinct and independent STMRecomb engines (one for every
PDM input channel).
It can be configured in order to support microphones with several differences in sensitivity
between two membranes.
Figure 7: STMRecomb block
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62