Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAMP0 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 10Page - STMicroelectronics STAMP0 Datasheet HTML 11Page - STMicroelectronics STAMP0 Datasheet HTML 12Page - STMicroelectronics STAMP0 Datasheet HTML 13Page - STMicroelectronics STAMP0 Datasheet HTML 14Page - STMicroelectronics STAMP0 Datasheet HTML 15Page - STMicroelectronics STAMP0 Datasheet HTML 16Page - STMicroelectronics STAMP0 Datasheet HTML 17Page - STMicroelectronics STAMP0 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Architecture
STAMP0
14/62
DocID028639 Rev 1
Figure 3: PDM interface sampling control and usage example
The PDM_SMP_CLK is generated, together with the microphone clock (PDM_MIC_CLK),
inside the Clock Manager block (see Section 5.8: "Clock manager" for more details) and,
they have the same frequency (64xFs). However the phase of the PDM_SMP_CLK is
selectable employing the I²C register (Reg. 0x08bits: B7, B6, B5), and the supported
phase shift values are given in Table 6: "PDM_SMP_CLK phase shift values".
PDM-SMP_CLK = PDM_MIC_CLK + phase shift
Table 6: PDM_SMP_CLK phase shift values
Symbol
Parameter
Phase shift
000 : 0 degrees
001 : 45 degrees
010 : 90 degrees
011 : 135 degrees
100 : 180 degrees
101 : 225 degrees
110 : 270 degrees
111 : 315 degrees
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62