Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAMP0 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 40Page - STMicroelectronics STAMP0 Datasheet HTML 41Page - STMicroelectronics STAMP0 Datasheet HTML 42Page - STMicroelectronics STAMP0 Datasheet HTML 43Page - STMicroelectronics STAMP0 Datasheet HTML 44Page - STMicroelectronics STAMP0 Datasheet HTML 45Page - STMicroelectronics STAMP0 Datasheet HTML 46Page - STMicroelectronics STAMP0 Datasheet HTML 47Page - STMicroelectronics STAMP0 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
I²C registers
STAMP0
44/62
DocID028639 Rev 1
Bit
R/W
RST
Name
Description
7
R/W
0
P
RMS meter IIR low-pass filter P parameter. The possible values are in
the range [0:15].
6
R/W
0
5
R/W
0
4
R/W
0
3
R/W
1
NSAW
Number of consecutive stuck-at windows. The possible values are in
the range [1:15].
2
R/W
0
1
R/W
0
0
R/W
0
5.2.37
Interrupt 1 configuration register (reg. 0x24)
B7
B6
B5
B4
B3
B2
B1
B0
RMS8s
RMS7s
RMS6s
RMS5s
RMS4s
RMS3s
RMS2s
RMS1s
0
0
0
0
0
0
0
0
Bit
R/W
RST
Name
Description
7
R/W
0
RMS8s
RMSx interrupts:
0: the RMS value of channel x is less than the upper limit
1: the RMS value of channel x is greater than the upper limit
6
R/W
0
RMS7s
5
R/W
0
RMS6s
4
R/W
0
RMS5s
3
R/W
0
RMS4s
2
R/W
0
RMS3s
1
R/W
0
RMS2s
0
R/W
0
RMS1s
5.2.38
Interrupt 2 configuration register (reg. 0x25)
B7
B6
B5
B4
B3
B2
B1
B0
STUCK1_
PDM8
STUCK0_
PDM8
STUCK1_
PDM7
STUCK0_
PDM7
STUCK1_
PDM6
STUCK0_
PDM6
STUCK1_
PDM5
STUCK0_
PDM5
0
0
0
0
0
0
0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62