| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 114 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 114 Page - Nexperia B.V. All rights reserved |
|
114 / 234 page ![]() Automotive analog & logic ICs Type number Description Features Package (suffix) 74HCT541-Q100 Octal buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 12 -40 to 125 • • 74HCU04-Q100 Hex inverter; unbuffered 2.0 - 6.0 ± 5.2 5.0 -40 to 125 • • • 74LV244-Q100 Octal buffer/line driver (3-state) 1.0 - 5.5 ± 16 8.0 -40 to 125 • • 74LVC04A-Q100 Hex inverter 1.65 - 5.5 ± 24 2.0 -40 to 125 • • • 74LVC06A-Q100 Hex inverter; open-drain 1.65 - 5.5 32 2.2 -40 to 125 • • • 74LVC07A-Q100 Hex buffer; open-drain 1.65 - 5.5 32 2.2 -40 to 125 • • • 74LVC125A-Q100 Quad buffer/line driver (3-state) 1.2 - 3.6 ± 24 2.4 -40 to 125 • • • 74LVC126A-Q100 Quad buffer/line driver (3-state) 1.2 - 3.6 ± 24 2.4 -40 to 125 • • • 74LVC541A-Q100 Octal buffer/line driver (3-state) 1.2 - 3.6 ± 24 3.3 -40 to 125 • • • 74LVC16240A-Q100 16-bit inverter/line driver (3-state) 1.2 - 3.6 ± 24 2.7 -40 to 125 • 74LVC244A-Q100 Octal buffer/line driver (3-state) 1.2 - 3.6 ± 24 2.8 -40 to 125 • • • 74LVCH244A-Q100 Octal buffer/line driver with bus hold (3-state) 1.2 - 3.6 ± 24 2.8 -40 to 125 • • • 74LVC16244A-Q100 16-bit buffer/line driver (3-state) 1.2 - 3.6 ± 24 3.0 -40 to 125 • • 74LVCH16244A-Q100 16-bit buffer/line driver with bus hold (3-state) 1.2 - 3.6 ± 24 3.0 -40 to 125 • • 74LVCU04A-Q100 Hex inverter; unbuffered 1.2 - 3.6 ± 24 2.0 -40 to 125 • • 74LVT04-Q100 Hex inverter 2.7 - 3.6 -20 / +32 2.6 -40 to 85 • • 74LVT244A-Q100 Octal buffer/line driver with bus hold (3-state) 2.7 - 3.6 -32 / +64 2.6 -40 to 85 • • 74LVTH244A-Q100 Octal buffer/line driver with bus hold (3-state) 2.7 - 3.6 -32 / +64 2.6 -40 to 85 • • 74VHC126-Q100 Quad buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.3 -40 to 125 • • • 74VHCT126-Q100 Quad buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.0 -40 to 125 • • • 74VHC541-Q100 Octal buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.5 -40 to 125 • • • 74VHCT541-Q100 Octal buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.5 -40 to 125 • • • HEF4049B-Q100 Hex inverter/line driver 3.0 - 15.0 -3 / +20 20 -40 to 85 • HEF4050B-Q100 Hex buffer/line driver 3.0 - 15.0 -3 / +20 40 -40 to 85 • HEF4069UB-Q100 Hex inverter; unbuffered 3.0 - 15.0 ± 3.4 15 -40 to 85 • • Buffers/Inverters Nexperia selection guide 2020 114 |