| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 12 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 12 Page - Nexperia B.V. All rights reserved |
|
12 / 234 page ![]() New products MOSFETs Category Device Description Page Automotive MOSFETs BUK7S0R7-40H N-channel 40 V, 0.7 mΩ standard level Q101 qualified MOSFET in LFPAK88 79 BUK7S0R9-40H N-channel 40 V, 0.9 mΩ standard level Q101 qualified MOSFET in LFPAK88 79 BUK7S1R0-40H N-channel 40 V, 1.0 mΩ standard level Q101 qualified MOSFET in LFPAK88 79 BUK7S1R5-40H N-channel 40 V, 1.5 mΩ, standard level Q101 qualified MOSFET in LFPAK88 79 BUK7M3R3-40H N-channel 40 V, 3.3 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M3R3-40H N-channel 40 V, 3.3 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M4R3-40H N-channel 40 V, 4.3 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M4R3-40H N-channel 40 V, 4.3 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M5R0-40H N-channel 40 V, 5.0 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M5R0-40H N-channel 40 V, 5.0 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M6R0-40H N-channel 40 V, 6.0 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M6R0-40H N-channel 40 V, 6.0 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M6R7-40H N-channel 40 V, 6.7 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M6R7-40H N-channel 40 V, 6.7 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M8R5-40H N-channel 40 V, 8.5 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M8R5-40H N-channel 40 V, 8.5 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M9R5-40H N-channel 40 V, 9.5 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M9R5-40H N-channel 40 V, 9.5 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M11-40H N-channel 40 V, 11.0 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M11-40H N-channel 40 V, 11.0 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M15-40H N-channel 40 V, 15.0 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M15-40H N-channel 40 V, 15.0 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK7M20-40H N-channel 40 V, 20.0 mΩ standard level Q101 qualified MOSFET in LFPAK33 80 BUK9M20-40H N-channel 40 V, 20.0 mΩ logic level Q101 qualified MOSFET in LFPAK33 80 BUK6Y19-30P P-Channel 30 V, 19.0 mΩ intermediate level Q101 qualified MOSFET in LFPAK56 85 BUK6Y14-40P P-Channel 40 V, 14.5 mΩ intermediate level Q101 qualified MOSFET in LFPAK56 85 BUK6Y33-60P P-Channel 60 V, 33.0 mΩ intermediate level Q101 qualified MOSFET in LFPAK56 85 BUK6Y61-60P P-Channel 60 V, 61.0 mΩ intermediate level Q101 qualified MOSFET in LFPAK56 85 PMN48XPA P-Channel 20 V, 55 mΩ Q101 qualified Small Signal MOSFET in SOT457 87 PMV15UNEA N-Channel 20 V, 19 mΩ Q101 qualified Small Signal MOSFET in SOT23 87 PMV65UNEA N-Channel 20 V, 73 mΩ Q101 qualified Small Signal MOSFET in SOT23 87 PMV19XNEA N-Channel 30 V, 24 mΩ Q101 qualified Small Signal MOSFET in SOT23 87 BUK6D22-30E N-Channel 30 V, 22 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 BUK6D38-30E N-Channel 30 V, 18 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 BUK6D72-30E N-Channel 30 V, 72 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 BUK6D30-40E N-Channel 40 V, 23 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 BUK6D56-60E N-Channel 60 V, 56 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 BUK6D210-60E N-Channel 60 V, 210 mΩ Q101 qualified Small Signal MOSFET in DFN2020MD-6 87 Power MOSFETs PSMNR58-30YLH N-channel 30 V, 0.67 mΩ, logic level MOSFET in LFPAK56E 90 PSMNR51-25YLH N-channel 25 V, 0.57 mΩ, logic level MOSFET in LFPAK56E 90 PSMNR60-25YLH N-channel 25 V, 0.7 mΩ, logic level MOSFET in LFPAK56 90 PSMNR70-30YLH N-channel 30 V, 0.82 mΩ, logic level MOSFET in LFPAK56 91 Nexperia selection guide 2020 12 |