| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 15 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 15 Page - Nexperia B.V. All rights reserved |
|
15 / 234 page ![]() New products Analog & logic ICs Analog & logic ICs Category Device Description Page Automotive analog & logic Ics 74AVC1T45GS-Q100 Single dual-supply voltage level translating transceiver (3-state) in SOT1202 package 134 74AVC2T45GT-Q100 Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT833 package 134 74AVC2T245GU-Q100 2-bit dual supply configurable translating transceiver (3-state) in SOT1160 package 134 74LVC1T45GM-Q100 Single dual-supply voltage level translating transceiver (3-state) in SOT886 package 134 74LVC2T45GT-Q100 Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT833 package 134 74LVC2T45GS-Q100 Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT1203 package 134 Asynchronous interface analog & logic ICs 74AHCV05A Hex inverter; Schmitt trigger; open-drain 136, 142 74LV7032A Quad 2-input OR gate; Schmitt trigger 144 74AXP4T245 4-bit dual supply translating transceiver; 3-state 147 LSF0108 8-bit bidIRectional translator; open-drain; push-pull 148 NXB0104 Dual supply translator; auto dIRection sensing (3-state) 148 NXS0104 Dual supply translating transceiver; open drain; autosense 148 Synchronous interface analog & logic ICs 74AHC1G4208 08-stage divider and oscillator 158 74AHC1G4215 14-stage divider and oscillator 158 Control analog & logic ICs 74LV08A Quad 2-input AND gate 160 74LV00A Quad 2-input NAND gate 163 74LV02A Quad 2-input NOR gate 164 74LV32A Quad 2-input OR gate 165 74LV7032A Quad 2-input OR gate; Schmitt trigger 165 15 |