Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 77 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 77 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 73Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 74Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 75Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 76Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 77Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 78Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 79Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 80Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 81Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 234 page
background image
MOSFETs
4
Automotive MOSFETs��������������������������������������������������������������������������������������������78
Automotive grade MOSFETs nomenclature.......................................................................................... 78
N-channel 30V automotive power MOSFETs ........................................................................................ 78
N-channel 40V automotive power MOSFETs ........................................................................................ 79
N-channel 40V automotive power MOSFETs ........................................................................................ 80
N-channel 55V-60V automotive power MOSFETs................................................................................ 81
N-channel 55V-60V automotive power MOSFETs................................................................................ 82
N-channel 75V-80V automotive power MOSFETs................................................................................ 83
N-channel 100V automotive power MOSFETs...................................................................................... 84
P-channel 30V-60V automotive power MOSFETs ................................................................................ 85
Small-signal automotive MOSFETs – Low RDS(on) .............................................................................. 86
Small-signal automotive MOSFETs – High RDS(on) ............................................................................ 88
Small-signal automotive MOSFETs – Dual ............................................................................................. 88
Small-signal MOSFETs complementary .................................................................................................. 88
Power MOSFETs �����������������������������������������������������������������������������������������������������90
N-channel 25V-30V Power MOSFETs...................................................................................................... 90
N-channel 40V-60V Power MOSFETs...................................................................................................... 92
N-channel 75V-200V Power MOSFETs.................................................................................................... 94
Power MOSFETs nomenclature ............................................................................................................... 97
Small-signal MOSFETs �������������������������������������������������������������������������������������������98
Small-signal MOSFETs in DFN1006 and DFN1006B packages ........................................................... 98
Small-signal MOSFETs in DFN0606 ......................................................................................................... 98
Small-signal MOSFETs in DFN1010D-3 single and DFN1010B-3 dual packages ............................. 99
Small-signal low-leakage MOSFETs ......................................................................................................... 99
Small-signal MOSFETs in DFN2020MD-6 single and DFN2020-6 dual packages ..........................100
Small-signal MOSFETs in WLCSP4 and WLCSP6 packages................................................................101
Small-signal MOSFETs single (N-channel) ...........................................................................................102
Small-signal MOSFETs single (P-channel).............................................................................................104
Small-signal MOSFETs dual.....................................................................................................................106
Small-signal MOSFETs complementary ................................................................................................106
Small-signal MOSFETs nomenclature ..................................................................................................108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More