| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 113 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 113 Page - Nexperia B.V. All rights reserved |
|
113 / 234 page ![]() Automotive analog & logic ICs Buffers/Inverters Type number Description Features Package (suffix) 74AHC04-Q100 Hex inverter 2.0 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHCT04-Q100 Hex inverter; TTL-enabled 4.5 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHC125-Q100 Quad buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHCT125-Q100 Quad buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHC126-Q100 Quad buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.3 -40 to 125 • • • 74AHCT126-Q100 Quad buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHC240-Q100 Octal inverter/line driver (3-state) 2.0 - 5.5 ± 8 2.8 -40 to 125 • • • 74AHCT240-Q100 Octal inverter/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.0 -40 to 125 • • • 74AHC244-Q100 Octal buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.5 -40 to 125 • • • • 74AHCT244-Q100 Octal buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.5 -40 to 125 • • • 74AHC541-Q100 Octal buffer/line driver (3-state) 2.0 - 5.5 ± 8 3.5 -40 to 125 • • • 74AHCT541-Q100 Octal buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 3.5 -40 to 125 • • • 74AHCU04-Q100 Hex inverter; unbuffered 2.0 - 5.5 ± 8 2.4 -40 to 125 • • • 74ALVC125-Q100 Quad buffer/line driver (3-state) 1.65 - 3.6 ± 24 1.8 -40 to 85 • • • 74ALVC541-Q100 Octal buffer/line driver (3-state) 1.65 - 3.6 ± 24 2.3 -40 to 85 • • • • 74HC05-Q100 Hex inverter; open-drain 2.0 - 6.0 5.2 11 -40 to 125 • • • 74HC04-Q100 Hex inverter 2.0 - 6.0 ± 5.2 7.0 -40 to 125 • • • 74HCT04-Q100 Hex inverter; TTL-enabled 4.5 - 5.5 ± 4.0 8.0 -40 to 125 • • • 74HC125-Q100 Quad buffer/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • • 74HCT125-Q100 Quad buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 12 -40 to 125 • • 74HC126-Q100 Quad buffer/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • • 74HCT126-Q100 Quad buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 11 -40 to 125 • • 74HC240-Q100 Octal inverter/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • • • 74HCT240-Q100 Octal inverter/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 9.0 -40 to 125 • • • 74HC244-Q100 Octal buffer/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • • • 74HCT244-Q100 Octal buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 11 -40 to 125 • • • 74HC365-Q100 Hex buffer/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • • 74HCT365-Q100 Hex buffer/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 11 -40 to 125 • • 74HC366-Q100 Hex inverter/line driver (3-state) 2.0 - 6.0 ± 7.8 10 -40 to 125 • • 74HCT366-Q100 Hex inverter/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 11 -40 to 125 • • 74HC540-Q100 Octal inverter/line driver (3-state) 2.0 - 6.0 ± 7.8 9.0 -40 to 125 • 74HCT540-Q100 Octal inverter/line driver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 11 -40 to 125 • 74HC541-Q100 Octal buffer/line driver (3-state) 2.0 - 6.0 ± 7.8 10 -40 to 125 • • 113 |