| Moteur de recherche de fiches techniques de composants électroniques |
|
PAXCDL10 Fiches technique(PDF) 15 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PAXCDL10 Fiches technique(HTML) 15 Page - Red Lion Controls. Inc |
|
15 / 32 page ![]() 15 PAXR: MAINTAINED (LEVEL) RESET AND INHIBIT PAXR: MOMENTARY (EDGE) RESET 15 MAINTAINED (LEVEL) RESET AND INHIBIT The meter performs a reset and inhibits the displays configured as , as long as activated (maintained action). INHIBIT The meter inhibits the displays configured as , as long as activated (maintained action). Minimum Maximum Counter C Counter B Counter A FACTORY DESCRIPTION DISPLAY MOMENTARY (EDGE) RESET When activated (momentary action), the meter resets the displays configured as . (Momentary resets improve max. input frequencies over maintained resets.) Minimum Maximum Counter C Counter B Counter A FACTORY DESCRIPTION DISPLAY Minimum Maximum Counter C Counter B Counter A FACTORY DESCRIPTION DISPLAY STORE DISPLAY The meter holds (freeze) the displays configured as , as long as activated (maintained action). Internally the counters and max. and min. values continue to update. DEACTIVATE SETPOINT MAINTAINED (LEVEL) The meter deactivates the setpoints configured as , as long as activated (maintained action). This action only functions with a Setpoint card installed. DEACTIVATE SETPOINT MOMENTARY (EDGE) When activated (momentary action), the meter deactivates the setpoints configured as . This action only functions with a Setpoint card installed. HOLD SETPOINT STATE The meter holds the state of the setpoints configured as , as long as activated (maintained action). This action only functions with a Setpoint option card installed. Minimum Maximum Counter C Counter B Counter A FACTORY DESCRIPTION DISPLAY ACTIVATE SETPOINT MOMENTARY (EDGE) When activated (momentary action), the meter activates the setpoints configured as . This action only functions with a Setpoint card installed. Setpoint 4 Setpoint 3 Setpoint 2 Setpoint 1 FACTORY DESCRIPTION DISPLAY When activated (momentary action), the display intensity changes to the next intensity level (of 4). The four levels correspond to Display Intensity Level () settings of 0, 3, 8 & 15. CHANGE DISPLAY INTENSITY LEVEL ACTIVATE SETPOINT MAINTAINED (LEVEL) The meter activates the setpoints configured as , as long as activated (maintained action). This action only functions with a Setpoint card installed. DISPLAY DESCRIPTION FACTORY Setpoint 1 Setpoint 2 Setpoint 3 Setpoint 4 DISPLAY DESCRIPTION FACTORY Setpoint 1 Setpoint 2 Setpoint 3 Setpoint 4 Setpoint 4 Setpoint 3 Setpoint 2 Setpoint 1 FACTORY DESCRIPTION DISPLAY Setpoint 4 Setpoint 3 Setpoint 2 Setpoint 1 FACTORY DESCRIPTION DISPLAY The meter performs a reset and inhibits the displays configured as , as long as activated (maintained action). DISPLAY DESCRIPTION FACTORY Maximum Minimum When activated (momentary action), the meter resets the displays configured as . (Momentary resets improve max. input frequencies over maintained resets.) DISPLAY DESCRIPTION FACTORY Maximum Minimum |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |