Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAXCDL10 Fiches technique(PDF) 31 Page - Red Lion Controls. Inc

No de pièce PAXCDL10
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REDLION [Red Lion Controls. Inc]
Site Internet  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXCDL10 Fiches technique(HTML) 31 Page - Red Lion Controls. Inc

Back Button PAXCDL10 Datasheet HTML 24Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 25Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 26Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 27Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 28Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 29Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 30Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 31Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 32Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
8
Analog Output Parameters - PAXI only

Serial Communication Parameters - PAXI only
PARAMETER
FACTORY
SETTING
USER SETTING

0

ANALOG ASSIGNMENT


ANALOG LOW SCALE VALUE
0

ANALOG HIGH SCALE VALUE
000
ANALOG TYPE
DISPLAY
0
 




00
000
00
000
00


0
 






USER SETTING




00
000
00
000
00








FACTORY
SETTING
USER SETTING
FACTORY
SETTING
0
 




00
000
00
000
00


0
 
SETPOINT HYSTERESIS (rate)
SETPOINT ASSIGNMENT








USER SETTING

RESET WHEN SPn+1 DEACTIVATES


RESET WHEN SPn+1 ACTIVATES


SETPOINT RESET WITH DISPLAY


COUNTER AUTO RESET ACTION

00
SETPOINT TIME OUT

000
00
SETPOINT ON DELAY
SETPOINT VALUE (B)*

000
00
SETPOINT OFF DELAY
SETPOINT VALUE (A)




STANDBY OPERATION
SETPOINT ACTION







SETPOINT BOUNDARY TYPE
SETPOINT POWER UP STATE
SETPOINT OUTPUT LOGIC
SETPOINT TRACKING
SETPOINT ANNUNCIATORS






FACTORY
SETTING
USER SETTING
FACTORY
SETTING
PARAMETER
DISPLAY
6
Setpoint (Alarm) Parameters
* See Module 2, Exchanging Parameter Lists, for details on programming this value.
Shaded areas are model dependent.
9
Factory Service Parameters
DISPLAY
DISPLAY INTENSITY LEVEL

FACTORY
SETTING
USER SETTING
PARAMETER
DISPLAY
PARAMETER
FACTORY
SETTING
USER SETTING

COMMUNICATIONS TYPE
Mbrtv

BAUD RATE
800

DATA BIT
8

PARITY BIT


METER ADDRESS


TRANSMIT DELAY
000

ABBREVIATED PRINTING

 
PRINT COUNTER A

 
PRINT COUNTER B

 
PRINT COUNTER C


PRINT RATE


PRINT MAX & MIN


PRINT SCALE FACTORS


PRINT COUNT LOAD VALUES


PRINT SETPOINT VALUES

LIMITED WARRANTY
(a) Red Lion Controls Inc., Sixnet Inc., N-Tron Corporation, or Blue Tree Wireless Data, Inc. (the “Company”) warrants that all
Products shall be free from defects in material and workmanship under normal use for the period of time provided in “Statement
of Warranty Periods” (available at www.redlion.net) current at the time of shipment of the Products (the “Warranty Period”).
EXCEPT FOR THE ABOVE-STATED WARRANTY, COMPANY MAKES NO WARRANTY WHATSOEVER WITH
RESPECT TO THE PRODUCTS, INCLUDING ANY (A) WARRANTY OF MERCHANTABILITY; (B) WARRANTY OF
FITNESS FOR A PARTICULAR PURPOSE; OR (C) WARRANTY AGAINST INFRINGEMENT OF INTELLECTUAL
PROPERTY RIGHTS OF A THIRD PARTY; WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING,
COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE. Customer shall be responsible for determining that
a Product is suitable for Customer’s use and that such use complies with any applicable local, state or federal law.
(b) The Company shall not be liable for a breach of the warranty set forth in paragraph (a) if (i) the defect is a result of Customer’s
failure to store, install, commission or maintain the Product according to specifications; (ii) Customer alters or repairs such
Product without the prior written consent of Company.
(c) Subject to paragraph (b), with respect to any such Product during the Warranty Period, Company shall, in its sole discretion,
either (i) repair or replace the Product; or (ii) credit or refund the price of Product provided that, if Company so requests, Customer
shall, at Company’s expense, return such Product to Company.
(d) THE REMEDIES SET FORTH IN PARAGRAPH (c) SHALL BE THE CUSTOMER’S SOLE AND EXCLUSIVE
REMEDY AND COMPANY’S ENTIRE LIABILITY FOR ANY BREACH OF THE LIMITED WARRANTY SET
FORTH IN PARAGRAPH (a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com