Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAXCDL10 Fiches technique(PDF) 5 Page - Red Lion Controls. Inc

No de pièce PAXCDL10
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REDLION [Red Lion Controls. Inc]
Site Internet  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXCDL10 Fiches technique(HTML) 5 Page - Red Lion Controls. Inc

  PAXCDL10 Datasheet HTML 1Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 2Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 3Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 4Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 5Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 6Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 7Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 8Page - Red Lion Controls. Inc PAXCDL10 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
mOdel paXi - 1/8 din COunTer/raTe meTer
ANNUNCIATORS:
A - Counter A
B - Counter B
C - Counter C
- Rate
- Maximum (High) Rate
- Minimum (Low) Rate

- Upper significant digit display of counter
SP1 - setpoint 1 output state
SP2 - setpoint 2 output state
SP3 - setpoint 3 output state
SP4 - setpoint 4 output state
RATE DISPLAY:
Accuracy: ±0.01%
Minimum Frequency: 0.01 Hz
Maximum Frequency: see Max Signal Frequencies Table.
Maximum Display: 5 Digits: 99999
Adjustable Display (low) Update: 0.1 to 99.9 seconds
Over Range Display: “ ”
COUNTER DISPLAYS:
Maximum display: 8 digits: ± 99999999 (greater than 6 digits, the display
alternates between high order and low order.)
INPUTS A and B:
DIP switch selectable to accept pulses from a variety of sources
including switch contacts, TTL outputs, magnetic pickups and all
standard RLC sensors.
LOGIC: Input trigger levels VIL = 1.5 V max.; VIH = 3.75 V min.
Current sinking: Internal 7.8 KΩ pull-up to +12 VDC, IMAX = 1.9 mA.
Current sourcing: Internal 3.9 KΩ pull-down, 7.3 mA max. @ 28 VDC,
VMAX = 30 VDC.
Filter: Damping capacitor provided for switch contact bounce. Limits
input frequency to 50 Hz and input pulse widths to 10 msec. minimum.
MAGNETIC PICKUP:
Sensitivity: 200 mV peak
Hysteresis: 100 mV
Input impedance: 3.9 KΩ @ 60 Hz
Maximum input voltage: ±40 V peak, 30 Vrms
DUAL COUNT MODES:
When any dual count mode is used, then User Inputs 1 and/or 2 will
accept the second signal of each signal pair. The user inputs do not have
the Logic/Mag, HI/LO Freq, and Sink/Source input setup switches. The
user inputs are inherently a logic input with no low frequency filtering.
Any mechanical contacts used for these inputs in a dual count mode
must be debounced externally. The user input may only be selected for
sink/source by the User Jumper placement.
PRESCALER OUTPUT:
NPN Open Collector: ISNK = 100 mA max. @ VOL = 1 VDC max. VOH = 30
VDC max. With duty cycle of 25% min. and 50 % max.
PAXI SPECIFICATIONS
MAXIMUM SIGNAL FREQUENCIES TABLE
To determine the maximum frequency for the input(s), first answer the
questions with a yes (Y) or no (N). Next determine the Count Mode to be used
for the counter(s). If dual counters are used with different Count Modes, then
the lowest frequency applies to both counters.
Notes:
1. Counter Modes are explained in the Module 1 programming section.
2. If using Rate with single counter with direction or quadrature, assign it to Input A for the listed frequency.
3. * Double the listed value for Rate frequency.
4. Listed values are with frequency DIP switch set on HI frequency.
5. Derate listed frequencies by 20% during serial communications. (Placing a 5 msec. delay between serial characters will eliminate the derating.)
COUNT, RATE AND SLAVE DISPLAY
6-DIGIT 0.56" RED SUNLIGHT READABLE DISPLAY
VARIABLE INTENSITY DISPLAY
10 POINT SCALING (FOR NON-LINEAR PROCESSES)
FOUR SETPOINT ALARM OUTPUTS (W/OPTION CARD)
RETRANSMITTED ANALOG OUTPUT (W/OPTION CARD)
COMMUNICATION AND BUS CAPABILITIES (W/OPTION CARD)
BUS CAPABILITIES; DEVICENET, MODBUS, AND PROFIBUS-DP
CRIMSON PROGRAMMING SOFTWARE
N/A
21
N/A
34
N/A
21
N/A
34
Rate Only
3
4
3
4
6
8
6
8
Quadrature x4
3 *
3.5 *
3.5 *
4 *
5 *
6 *
6 *
7 *
6
8
7
9
12
16
13
17
Quadrature x2
3 *
3.5 *
3.5 *
4 *
5 *
6 *
6 *
7 *
10
11
10
12
17
20
19
22
Quadrature x1
4 *
5 *
4 *
5 *
7 *
9 *
7 *
9 *
7
8
7
9
12
16
13
17
Count x2
7
9
7.5
9
11
13
12
13
11
13
15
18
17
21
25
34
Count x1
(Values are in KHz)
(Values are in KHz)
(Values are in KHz)
(Values are in KHz)
COUNT MODE
Y
N
Y
N
Y
N
Y
N
Y
N
Y
N
Y
N
Y
N
Is Counter C used?
Y
Y
N
N
Y
Y
N
N
Y
Y
N
N
Y
Y
N
N
Is Prescaler Output used?
Y
Y
Y
Y
N
N
N
N
Y
Y
Y
Y
N
N
N
N
Are any setpoints used?
Dual: Counter A & B or Rate not assigned to active single counter
Single: Counter A or B (with/without rate) or Rate only
FUNCTION QUESTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com