| Moteur de recherche de fiches techniques de composants électroniques |
|
PAXCDL10 Fiches technique(PDF) 12 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PAXCDL10 Fiches technique(HTML) 12 Page - Red Lion Controls. Inc |
|
12 / 32 page ![]() PAXI: PRESCALER OUTPUT ENABLE 12 COUNTER A OPERATING MODE Select the operating mode for Counter A. SELECTION MODE DESCRIPTION Does not count. Count X1 Adds Input A falling edge. Count X1 w/direction Adds Input A falling edge if Input B is high. Subtracts Input A falling edge if Input B is low. Count X1 w/direction Adds Input A falling edge if User 1 is high. Subtracts Input A falling edge if User 1 is low. Quad X1 Adds Input A rising edge when Input B is high. Subtracts Input A falling edge when Input B is high. Quad X2 Adds Input A rising edge when Input B is high and Input A falling edge when Input B is low. Subtracts Input A falling edge when Input B is high and Input A rising edge when Input B is low. Quad X4 Adds Input A rising edge when Input B is high, Input A falling edge when Input B is low, Input B rising edge when Input A is low, and Input B falling edge when Input A is high. Subtracts Input A falling edge when Input B is high, Input A rising edge when Input B is low, Input B rising edge when Input A is high, and Input B falling edge when Input A is low. Quad X1 Adds Input A rising edge when User 1 is high. Subtracts Input A falling edge when User 1 is high. Quad X2 Adds Input A rising edge when User 1 is high and Input A falling edge when User 1 is low. Subtracts Input A falling edge when User 1 is high and Input A rising edge when User 1 is low. Count X2 Adds Input A rising and falling edges. Count X2 w/direction Adds Input A rising and falling edges if Input B is high. Subtracts Input A rising and falling edge if Input B is low. Count X2 w/direction Adds Input A rising and falling edges if User 1 is high. Subtracts Input A rising and falling edge if User 1 is low. COUNTER A RESET ACTION When Counter A is reset, it returns to zero or Counter A count load value. This reset action affects all Counter A resets, except the Setpoint Counter Auto Reset in Module 6. COUNTER A DECIMAL POSITION This selects the decimal point position for Counter A and any setpoint value assigned to Counter A. The selection will also affect Counter A scale factor calculations. COUNTER A SCALE FACTOR The number of input counts is multiplied by the scale factor and the scale multiplier to obtain the desired process value. A scale factor of 1.00000 will result in the display of the actual number of input counts. (Details on scaling calculations are explained at the end of this section.) to COUNTER A SCALE MULTIPLIER The number of input counts is multiplied by the scale multiplier and the scale factor to obtain the desired process value. A scale multiplier of 1 will result in only the scale factor affecting the display. (Details on scaling calculations are explained at the end of this section.) COUNTER A COUNT LOAD VALUE When reset to count load action is selected, Counter A will reset to this value. COUNTER A RESET POWER-UP Counter A may be programmed to reset at each meter power-up. This enables the prescaler output. The prescaler output is useful for providing a lower frequency scaled pulse train to a PLC or another external counter. On each falling edge of Input A, the prescaler output register increments by the prescaler scale value (). When the register equals or exceeds 1.0000, a pulse is output and the register is lowered by 1.0000. The prescaler register is reset to zero whenever Counter A is reset (except for Setpoint Counter Auto Reset). (See Prescaler Output Figure.) to Module 1 is the programming for Counter A, Counter B and the Prescaler Output. Counter B parameters follow the Prescaler parameters. For maximum input frequency, the counters should be set to mode NONE and the Prescaler to NO when they are not in use. When set to NONE or NO, the remaining related parameters are not accessible. A corresponding annunciator indicates the counter being shown in the Display Mode. An Exchange Parameter Lists feature for scale factors and count load values is explained in Module 2. PARAMETER MENU x = Counter A or Counter B 6.1 mOdule 1 - COunT a & b inpuT parameTers () paXC & i |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |