Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDRIVE101 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics STDRIVE101 Datasheet HTML 26Page - STMicroelectronics STDRIVE101 Datasheet HTML 27Page - STMicroelectronics STDRIVE101 Datasheet HTML 28Page - STMicroelectronics STDRIVE101 Datasheet HTML 29Page - STMicroelectronics STDRIVE101 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Table 11. VFQFPN 4x4x1.0 24 PITCH 0.5 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.00
4.15
D2
2.40
2.50
2.60
E
3.85
4.00
4.15
E2
2.40
2.50
2.60
e
0.50
L
0.30
0.40
0.50
ddd
0.08
Figure 23. VFQFPN 4x4x1.0 24 PITCH 0.5 suggested footprint
STDRIVE101
Package information
DS13472 - Rev 1
page 26/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32