| Moteur de recherche de fiches techniques de composants électroniques |
|
STDRIVE101 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE101 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 32 page ![]() 4 Pin description Figure 7. STDRIVE101 pin connection in QFN 4x4 24L with exposed PAD (Top view) EPAD/GND(1) 1 2 3 4 5 6 18 17 16 15 14 13 GHS3 OUT3 GHS2 BOOT2 GLS3 BOOT3 VS REG12 CP DT/MODE SCREF nFAULT (1) The Exposed PAD is the ground connection of the device STDRIVE101 Pin description DS13472 - Rev 1 page 11/32 |