| Moteur de recherche de fiches techniques de composants électroniques |
|
STDRIVE101 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE101 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 32 page ![]() 1. The N-channel of the gate driver is turned ON with all the available supply voltage, refer to Figure 8 . 2. Each high-side gate driver provides independent UVLO protection (e.g. UVLO on BOOTU causes the HSU to turn off only). Figure 17. Power-up sequence, internal 12 V regulator used Standby Bootstrap cap. charge Operative twake VREG12(on) Vs INLx/ENx REG12 nFAULT GLSx VBOx Voltage on boot capacitor STDRIVE101 Undervoltage protection DS13472 - Rev 1 page 20/32 |