Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDRIVE101 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 21Page - STMicroelectronics STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics STDRIVE101 Datasheet HTML 26Page - STMicroelectronics STDRIVE101 Datasheet HTML 27Page - STMicroelectronics STDRIVE101 Datasheet HTML 28Page - STMicroelectronics STDRIVE101 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
Figure 22. VFQFPN 4x4x1.0 24 PITCH 0.5 package outline
STDRIVE101
Package information
DS13472 - Rev 1
page 25/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32