Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L412C8I6TR Fiches technique(PDF) 109 Page - STMicroelectronics

No de pièce STM32L412C8I6TR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8I6TR Fiches technique(HTML) 109 Page - STMicroelectronics

Back Button STM32L412C8I6TR Datasheet HTML 105Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 106Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 107Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 108Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 109Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 110Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 111Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 112Page - STMicroelectronics STM32L412C8I6TR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 192 page
background image
DS12469 Rev 4
109/192
STM32L412xx
Electrical characteristics
163
APB1
I2C1 independent clock domain
3.4
2.8
3.3
µA/MHz
I2C1 clock domain
1.0
0.9
0.9
I2C2 independent clock domain
3.4
2.8
3.3
I2C2 clock domain
1.0
0.9
0.9
I2C3 independent clock domain
2.8
2.3
2.4
I2C3 clock domain
0.9
0.4
0.7
LPUART1 independent clock
domain
1.8
1.6
1.7
LPUART1 clock domain
0.6
0.6
1.7
LPTIM1 independent clock
domain
2.8
2.3
2.7
LPTIM1 clock domain
0.8
0.4
0.7
LPTIM2 independent clock
domain
2.9
2.6
3.8
LPTIM2 clock domain
0.8
0.7
0.8
OPAMP
0.4
0.2
0.4
PWR
0.4
0.1
0.4
SPI2
1.7
1.5
1.5
SPI3
1.7
1.4
1.5
TIM2
6.2
5.0
5.8
TIM6
1.0
0.6
0.9
USART2 independent clock
domain
4.0
3.5
3.7
USART2 clock domain
1.3
0.8
1.1
USART3 independent clock
domain
4.2
3.4
4.1
USART3 clock domain
1.5
1.1
1.3
WWDG
0.5
0.5
0.5
All APB1 on
41.4
28.5
38.9
Table 49. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More