| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F1507-E/SS. Fiches technique(PDF) 276 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1507-E/SS. Fiches technique(HTML) 276 Page - Microchip Technology |
|
276 / 278 page ![]() PIC16(L)F1507 DS40001586D-page 276 2011-2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC16LF1507, PIC16F1507 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) E= -40 C to +125C (Extended) Package: GZ = Micro Lead Frame (4x4x0.5mm) (UQFN) ML = Micro Lead Frame (4x4x0.9mm) (QFN) P= Plastic DIP SO = SOIC SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC16LF1507T - I/SO Tape and Reel, Industrial temperature, SOIC package b) PIC16F1507 - I/P Industrial temperature PDIP package c) PIC16F1507 - E/ML 298 Extended temperature, QFN package QTP pattern #298 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: For other small form-factor package availability and marking information, please visit www.microchip.com/packaging or contact your local sales office. [X](1) Tape and Reel Option - |