Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1507-E/SS. Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Fiches technique(HTML) 67 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 63Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 64Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 65Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 66Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 67Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 68Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 69Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 70Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 67
PIC16(L)F1507
REGISTER 7-4:
PIE3: PERIPHERAL INTERRUPT ENABLE REGISTER 3
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
—
—
—
—
—
—
CLC2IE
CLC1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
CLC2IE:
Configurable Logic Block 2 Interrupt Enable bit
1
= Enables the CLC 2 interrupt
0
= Disables the CLC 2 interrupt
bit 0
CLC1IE:
Configurable Logic Block 1 Interrupt Enable bit
1
= Enables the CLC 1 interrupt
0
= Disables the CLC 1 interrupt
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.