Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1507-E/SS. Fiches technique(PDF) 271 Page - Microchip Technology

No de pièce PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Fiches technique(HTML) 271 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 267Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 268Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 269Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 270Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 271Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 272Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 273Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 274Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 271
PIC16(L)F1507
B
A
0.20 C
0.20 C
0.10
C A B
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
A1
Microchip Technology Drawing C04-255A Sheet 1 of 2
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (GZ) - 4x4x0.5 mm Body [UQFN]
D
E
A
(A3)
20X b
e
2X
D2
E2
NOTE 1
L
K
20X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More