Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1507-E/SS. Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Fiches technique(HTML) 10 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 6Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 7Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 8Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 9Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 10Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 11Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 12Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 13Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 10
 2011-2015 Microchip Technology Inc.
RC3/AN7/PWM2/CLC2IN0
RC3
TTL
CMOS General purpose I/O.
AN7
AN
—
A/D Channel input.
PWM2
—
CMOS Pulse Width Module source output.
CLC2IN0
ST
—
Configurable Logic Cell source input.
RC4/CLC2IN1/CWG1B
RC4
TTL
CMOS General purpose I/O.
CLC2IN1
ST
—
Configurable Logic Cell source input.
CWG1B
—
CMOS CWG complementary output.
RC5/PWM1/CLC1(1)/
CWG1A
RC5
TTL
CMOS General purpose I/O.
PWM1
—
CMOS PWM output.
CLC1
—
CMOS Configurable Logic Cell source output.
CWG1A
—
CMOS CWG primary output.
RC6/AN8/NCO1(1)
RC6
TTL
CMOS General purpose I/O.
AN8
AN
—
A/D Channel input.
NCO1
—
CMOS Numerically Controlled Oscillator source output.
RC7/AN9/CLC1IN1
RC7
TTL
CMOS General purpose I/O.
AN8
AN
—
A/D Channel input.
CLC1IN1
ST
—
Configurable Logic Cell source input.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PIC16(L)F1507 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Alternate pin function selected with the APFCON (Register 11-1) register.